PART |
Description |
Maker |
APT20M38SVFR APT20M38BVFRG APT20M38BVFR06 APT20M38 |
Power FREDFET; Package: D3 [S]; ID (A): 67; RDS(on) (Ohms): 0.038; BVDSS (V): 200; 67 A, 200 V, 0.038 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 67; RDS(on) (Ohms): 0.038; BVDSS (V): 200; 67 A, 200 V, 0.038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
JANTX2N6766 |
N Channel MOSFET; Package: TO-204AE; ID (A): 30; PD (W): 150; BVDSS (V): 200; Rq: 0.83; 30 A, 200 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AE
|
Microsemi, Corp.
|
CM200DY-24H |
Dual IGBTMOD 200 Amperes/1200 Volts 200 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. Powerex Power Semiconductors
|
IXFT74N20 IXFR90N20 IXFE24N100 |
HIPERFET POWER MOSFETs 74 A, 200 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268 90 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET ISOPLUS247, 3 PIN Single MOSFET Die 22 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
PM200CL1A060 |
200 A, 600 V, N-CHANNEL IGBT Intellimod?/a> L-Series Three Phase IGBT Inverter 200 Amperes/600 Volts
|
POWEREX INC Powerex Power Semiconductor...
|
IXTH96N20P IXTT96N20P |
N-Channel Engancement Mode 96 A, 200 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD N-Channel Engancement Mode 96 A, 200 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA
|
IXYS, Corp.
|
AP9120GH-HF AP9120GJ-HF AP9120GH-HF-14 AP9120GJ-HF |
8 A, 200 V, 0.68 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 8 A, 200 V, 0.68 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-251 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 N-CHANNEL ENHANCEMENT MODE POWER MOSFET Lower On-resistance Simple Drive Requirement
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp. Advanced Power Electronics ...
|
NDS7002A 2N7000 NDS7002 2N7002 |
N-ChannelEnhancementModeFieldEffectTransistor
N-Channel Enhancement Mode Field Effect Transistor 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
APT20M11JVR |
Power MOSFET; Package: ISOTOP®; ID (A): 175; RDS(on) (Ohms): 0.011; BVDSS (V): 200; 175 A, 200 V, 0.011 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 175A 0.011 Ohm
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
IRF9540 RF1S9540SM FN2282 |
19 A, 100 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs 19 A, 100 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB 19A/ 100V/ 0.200 Ohm/ P-Channel Power MOSFETs From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BSS138DW09 BSS138DW-7-F |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR MOSFET DUAL N-CHAN 50V SOT363 200 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
|